Part Number Hot Search : 
LTM4623 88523 MCP2155 RL204 ZPD20 RTL8208 L31Y5R6K 25L64
Product Description
Full Text Search
 

To Download BAS70-06T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente bas70t/-04t/-05t/06t voltage 70 v, 70 ma schottky barrier rectifiers 01-june-2002 rev. a page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. rohs compliant product a suffix of ?-c? specifies halogen & lead-free features z low turn-on voltage z fast switching bas70t marking: 7c bas70-04t marking: 7d bas 70-05t marking: 7e BAS70-06T marking: 7f maximum ratings and electrical characteristics rating 25 c ambient temperature unles s otherwise specified. type number symbol values units peak repetitive peak reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 70 v forward continuous current i fm 70 ma non-repetitive peak forw ard surge current @ t = 1.0s i fsm 100 a power dissipation p d 150 mw thermal resistance junction to ambient air r ja 833 /w storage temperature t stg -65~125 maximum ratings and electrical characteristics rating 25 c ambient temperature unles s otherwise specified. parameters symbol test conditions min max units reverse breakdown voltage v (br)r i r = 10a 70 v reverse voltage leakage current i r v r =50v 100 na forward voltage v f i f =1ma i f =15ma 410 1000 mv diode capacitance c d v r =0, f=1mhz 2 pf reveres recovery time t rr i f =i r =10ma,i rr =0.1xi r , r l =100 ? 5 ns s g d b l a 1 3 2 top view h c j k dim min max a 1.50 1.70 b 0.78 0.82 c 0.80 0.82 d 0.28 0.32 g 0.90 1.10 h 0.00 0.10 j 0.10 0.20 k 0.35 0.41 l 0.49 0.51 s 1.50 1.70 all dimension in mm sot-523 1. 2. 3.
elektronische bauelemente bas70t/-04t/-05t/06t voltage 70 v, 70 ma schottky barrier rectifiers 01-june-2002 rev. a page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ratings and characteristic curves


▲Up To Search▲   

 
Price & Availability of BAS70-06T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X